PART |
Description |
Maker |
MAX4691 MAX4691EBE-T MAX4691EGE MAX4691-MAX4694 MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package " Low-Voltage, 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC1591-1I LTC1591-1IN LTC1591-1C LTC1591-1IG LTC1 |
8-Bit, 75 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP PWR SUP 30W 5V 7.2A OUTPUT 14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors 14位和16位并低毛刺乘法数模转换器象限电阻
|
Linear Technology Corporation Linear Technology, Corp. http://
|
PI3C16225A PI3C16225 |
3.3V, HIGH BANDWIDTH, LOW CAPACITANCE 12-BIT TO 24-BIT MUX/DEMUX BUS SWITCH (16292 PINOUT)
|
Pericom Semiconductor Corporation
|
XRD8799AIQ |
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX 8-CH 10-BIT RESISTANCE LADDER ADC, PARALLEL ACCESS, PQFP44
|
Exar, Corp.
|
PI3CH360Q PI3CH360ZHE PI3CH360 PI3CH360L PI3CH360L |
Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
|
PERICOM[Pericom Semiconductor Corporation]
|
MP8799 MP8799AE |
CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
|
Exar Corporation
|
MP8798AS MP8798 MP8798AN MP8798AQ |
CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
|
Exar Corporation
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74CBTLV16292 IDT74CBTLV16292PA IDT74CBTLV16292P |
Adjustable Precision Shunt Regulator 3-TO-92 0 to 70 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
|
Integrated Device Technology, Inc. IDT
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|